Part Number Hot Search : 
KMOC3011 TEVAL MN3866S PJ16148L SPD9105W GC7910F MGH2812D IIRL3103
Product Description
Full Text Search
 

To Download MPZ1608S101ATAH0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  february 2015 for power line emc components mpz1608 1608[0603 inch]* * dimensions code jis[eia] chip beads mpz1608 ty p e mpz series
(2/11) 20150209 / beads_commercial_power_mpz1608_en.fm emc components reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components chip beads for power line features noise reduction solution for power line. compared to the mmz series, has low direct current resi stance for compatibility with large currents, optimal for low power cons umption. various frequency characteristics with 5 materials of different features for countermeasures against everything from general si gnals to high-speed signals. performs well even in signal lines where low direct current resistanc e is required. application noise removal for mobile devices such as smartphones and tablet terminals, and various modules. noise removal for pcs and recor ders, household appliances such as stbs, smart grids, and industrial equipment. part number construction operating temperature range, package quantity, product weight  the storage temperature range is for after the circuit board is mounted. overview of mpz1608 type mpz 1608 b 471 a t a00 series name lwt dimensions material name impedance characteristic type packaging style internal code (mm) (  ) at 100mhz 1608 1.60.8x0.6 s 260 26 a t taping a00 1.60.8x0.8 y 471 470 b ah0 b r d type temperature range package quantity individual weight operating temperature c  storage temperature  c  (pieces/reel) mg  mpz1608 t=0.6mm C55 to +125 C55 to +125 4,000 3 t=0.8mm C55 to +125 C55 to +125 4,000 4 product compatible with rohs directive halogen-free compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type material characteristics b material: this type is perfectly suited for fast digital signals. by equalizing r components and x components that beads posse ss at a frequency of 5mhz, it is able to suppress overshooting, undershooting and ringing of fast digital signals. r material: for wide frequency applications calling for broad impedance characteristics. for digital signal line applications calling requiring good waveform integrity. impedance values selected for effectiveness at 10 to 200mhz. s material: standard type that features impedance characteristics similar to those of a typical ferrite core. for signal line applications in which the blocking region is near 100mhz. impedance values selected for effectiveness at 40 to 300mhz. y material: high frequency range type intended for the 100mhz region and above. for signal line applications in which the signal frequency is far from the cutoff frequency. impedance values selected for effectiveness at 80 to 400mhz. d material: for applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequen cies. designed for high impedance at high frequencies (300mhz to 1ghz) for signal line applications. typical material impedance characteristics y 0 500 1000 1500 2000 2500 10 100 1000 frequency(mhz) impedance ( ) r s d y b
(6/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type shape & dimensions recommended land pattern thickness ( t ) 0.60.15mm 0.80.15mm 0.80.15 1.60.15 0.30.2 t dimensions in mm dimensions in mm 0.8 0.6 0.6 0.8
(7/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type electrical characteristics characteristics specification table  please refer to the graph of rated current vs. temperature characteristics (derating) about the rating current at 85c or more in temperature of the product.  measurement equipment ? equivalent measurement equipment may be used.  rated current vs. temperature characteristics (derating) impedance dc resistance rated current  thickness t part no. [100mhz] (  ) tolerance (  )max. (a)max. (mm) 470 25% 0.150 1.0 0.8 mpz1608b471ata00 26 25% 0.007 6.0 0.6 mpz1608s260atah0 30 10 0.010 5.0 0.6 mpz1608s300atah0 60 25% 0.020 3.5 0.6 mpz1608s600atah0 100 25% 0.030 3.0 0.6 MPZ1608S101ATAH0 120 25% 0.045 2.0 0.6 mpz1608s121atah0 180 25% 0.050 2.0 0.6 mpz1608s181atah0 220 25% 0.050 2.2 0.8 mpz1608s221ata00 330 25% 0.080 1.7 0.8 mpz1608s331ata00 470 25% 0.150 1.0 0.8 mpz1608s471ata00 600 25% 0.150 1.0 0.8 mpz1608s601ata00 1000 25% 0.300 0.8 0.8 mpz1608s102ata00 390 25% 0.120 1.2 0.8 mpz1608r391ata00 60 25% 0.030 2.3 0.8 mpz1608y600bta00 100 25% 0.040 2.0 0.8 mpz1608y101bta00 150 25% 0.050 1.8 0.8 mpz1608y151bta00 220 25% 0.100 1.5 0.8 mpz1608y221bta00 30 10  0.060 1.8 0.8 mpz1608d300bta00 60 25% 0.100 1.2 0.8 mpz1608d600bta00 100 25% 0.150 1.0 0.8 mpz1608d101bta00 measurement item product no. manufacturer impedance e4991a+16192a agilent technologies dc resistance type-7556 yokogawa 0 1 2 3 4 5 7 6 C55 C35 C15 5 25 45 65 85 105 125 temperature ( c ) rated current ( a ) s600a s101a s300a s260a s102a b471a,s471a,s601a,d101b r391a,d600b y221b s331a y151b,d300b y600b s221a s121a,s181a,y101b
(8/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type electrical characteristics z vs. frequency characteristics (by series) mpz1608b series mpz1608s series mpz1608r series mpz1608y series mpz1608d series 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) 0 100 200 300 400 500 mpz1608b471a 0 1000 1200 800 900 700 600 500 400 300 200 100 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1608s102a mpz1608s300a mpz1608s600a mpz1608s260a mpz1608s101a mpz1608s121a mpz1608s181a mpz1608s221a mpz1608s331a mpz1608s471a mpz1608s601a 400 300 200 100 0 500 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1608r391a 0 50 100 150 200 250 300 350 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1608y221b mpz1608y600b mpz1608y151b mpz1608y101b 0 100 200 300 400 500 600 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1608d101b mpz1608d600b mpz1608d300b
(9/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type electrical characteristics z, x, r vs. frequency characteristics mpz1608b471ata00 mpz1608s260atah0 mpz1608s300atah0 mpz1608s600atah0 MPZ1608S101ATAH0 mpz1608s121atah0 mpz1608s181atah0 mpz1608s221ata00 mpz1608s331ata00 mpz1608s471ata00 mpz1608s601ata00 mpz1608s102ata00 mpz1608r391ata00 mpz1608y600bta00 mpz1608y101bta00 1 10 100 1000 10000 0 5 10 15 20 25 30 35 40 frequency ( mhz ) impedance ( ) z r x 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) 0 100 200 300 400 500 z r x 1 10 100 1000 10000 0 5 10 15 20 25 30 35 40 frequency ( mhz ) impedance ( ) z r x 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 0 20 40 60 80 100 120 140 160 z r x 0 50 100 150 200 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) 100 80 60 40 20 0 1 10 100 1000 10000 z x r frequency ( mhz ) impedance ( ) 300 100 50 150 200 250 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 1 10 100 1000 10000 r x z 0 50 100 150 200 250 300 350 400 450 frequency ( mhz ) impedance ( ) z r x 0 50 100 150 200 300 250 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) 800 700 600 500 400 300 200 100 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) 0 200 400 600 800 1000 1200 z r x 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 0 100 200 300 400 500 600 700 1 10 100 1000 10000 0 20 40 60 80 100 120 140 frequency ( mhz ) impedance ( ) r x z 0 50 100 150 200 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) r x z 500 400 300 200 100 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) r x z
(10/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type electrical characteristics z, x, r vs. frequency characteristics mpz1608y151bta00 mpz1608y221bta00 mpz1608d300bta00 mpz1608d600bta00 mpz1608d101bta00 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) 0 z r x 50 100 150 200 250 300 350 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) r x z 0 50 100 150 200 250 300 250 200 150 100 50 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) r x z 1 10 100 1000 10000 0 100 200 300 400 500 600 frequency ( mhz ) impedance ( ) r x z 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) r x z 50 0 100 150 200 250 300 350
(11/11) 20150209 / beads_commercial_power_mpz1608_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1608 type packaging style reel dimensions tape dimensions dimensions in mm ty p e a b p1 k mpz1608 1.10.2 1.90.2 4.00.1 1.1max. ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 dimensions in mm 1.0 ?60min. 14.4max. 8.4 +2.0 C0.0 4.00.1 2.00.05 b a p1 8.00.3 1.750.1 3.50.05 k 1.5 +0.1 0 taping 200min. 300min. drawing direction 40 to 80 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MPZ1608S101ATAH0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X